Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L8708H Fiches technique(PDF) 55 Page - Zilog, Inc.

No de pièce L8708H
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Fiches technique(HTML) 55 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 51Page - Zilog, Inc. L8708H Datasheet HTML 52Page - Zilog, Inc. L8708H Datasheet HTML 53Page - Zilog, Inc. L8708H Datasheet HTML 54Page - Zilog, Inc. L8708H Datasheet HTML 55Page - Zilog, Inc. L8708H Datasheet HTML 56Page - Zilog, Inc. L8708H Datasheet HTML 57Page - Zilog, Inc. L8708H Datasheet HTML 58Page - Zilog, Inc. L8708H Datasheet HTML 59Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
DS96LV00800
P R E L I M I N A R Y
55
1
EXPANDED REGISTER FILE CONTROL REGISTERS (0D)
Figure 46. TC8 Control Register
((0D) OH: Read/Write Except Where Noted)
D7
D6
D5
D4
D3
D2
D1
D0
CTR0 (0D) 0H
0 P34 as Port Output*
1 Timer8 Output
0 Disable T8 Time Out Interrupt
1 Enable T8 Time Out Interrupt
0 Disable T8 Data Capture Interrupt
1 Enable T8 Data Capture Interrupt
00 SCLK on T8
01 SCLK/2 on T8
10 SCLK/4 on T8
11
SCLK/8 on T8
R 0 No T8 Counter Time Out
R 1 T8 Counter Time Out Occured
W 0 No Effect
W 1 Reset Flag to 0
* Default Setting After Reset
0 Modulo-N
1 Single Pass
R 0 T8 Disabled *
R 1 T8 Enabled
W 0 Stop T8
W 1 Enable T8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66