Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AR0330 Fiches technique(PDF) 50 Page - ON Semiconductor

No de pièce AR0330
Description  CMOS Digital Image Sensor
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0330 Fiches technique(HTML) 50 Page - ON Semiconductor

Back Button AR0330 Datasheet HTML 46Page - ON Semiconductor AR0330 Datasheet HTML 47Page - ON Semiconductor AR0330 Datasheet HTML 48Page - ON Semiconductor AR0330 Datasheet HTML 49Page - ON Semiconductor AR0330 Datasheet HTML 50Page - ON Semiconductor AR0330 Datasheet HTML 51Page - ON Semiconductor AR0330 Datasheet HTML 52Page - ON Semiconductor AR0330 Datasheet HTML 53Page - ON Semiconductor AR0330 Datasheet HTML 54Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
AR0330_DS Rev. U Pub. 4/15 EN
50
©Semiconductor Components Industries, LLC,2015.
AR0330: 1/3-Inch CMOS Digital Image Sensor
Subsampling
(EQ 17)
A value of 1 is used for x_odd_inc and y_odd_inc when no pixel subsampling is indi-
cated. In this case, the sensor is incrementing x and y addresses by 1 + 1 so that it reads
consecutive pixel and row pairs. To implement a 2x skip in the x direction, the x_odd_inc
is set to 3 so that the x address increment is 1+3, meaning that sensor will skip every
other Gr-R pair.
Table 35:
Configuration for Horizontal Subsampling
x_odd_inc
Restrictions:
No subsampling
x_odd_inc = 1
skip = (1+1)*0.5 = 1x
The horizontal FOV must be programmed to
meet the following rule:
Skip 2x
x_odd_inc = 3
skip = (1+3)*0.5 = 2x
Skip 3x
x_odd_inc = 5
skip = (1+5)*0.5 = 3x
Analog Bin 2x
x_odd_inc = 3
skip = (1+3)*0.5 =2x
col_sf_bin_en = 1
Analog Bin 3x
x_odd_inc = 5
skip = (1+5)*0.5 = 3x
col_sf_bin_en = 1
Digital Bin 2x
x_odd_inc = 3
skip = (1+3)*0.5 =2x
col_bin =1
Digital Bin 3x
x_odd_inc = 5
skip = (1+5)*0.5 = 3x
col_bin = 1
Table 36:
Configuration for Vertical Subsampling
y_odd_inc
Restrictions:
No subsampling
y_odd_inc = 1
skip = (1+1)*0.5 = 1x
row_bin = 0
The vertical FOV must be programmed to meet
the following rule:
Skip 2x
y_odd_inc = 3
skip = (1+3)*0.5 =2x
row_bin = 0
Skip 3x
y_odd_inc = 5
skip = (1+5)*0.5 =3x
row_bin = 0
Analog Bin 2x
y_odd_inc = 3
skip = (1+3)*0.5 =2x
row_bin = 1
Analog Bin 3x
y_odd_inc = 5
skip = (1+5)*0.5 =3x
row_bin = 1
y subsampling factor
1
y_odd_inc
+
2
----------------------------------
=
x_addr_end
x_addr_start
–1
+
x_odd_inc
1
+
 2
-------------------------------------------------------------------------
even number
=
y_addr_end
y_addr_start
–1
+
y_odd_inc
1
+
 2
-------------------------------------------------------------------------
even number
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77