| Moteur de recherche de fiches techniques de composants électroniques |
|
AXP221 Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AXP221 Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 52 page ![]() AXP221 PAGE 13 PMIC Optimized For Multi-Core High-Performance System Copyright © 2013 X-Powers Limited. All Rights Reserved. Datasheet Revision 1.2 7 极限参数 参数 描述 参数值 单位 ACIN 输入电压 Input Voltage -0.3 ~ 11 V VBUS 输入电压 Input Voltage -0.3 ~ 11 V T J 工作温度 Operating Temperature Range -40 ~ 130 °C Ts 储运温度 Storage Temperature Range -40 ~150 °C T LEAD 锡焊温度 Maximum Soldering Temperature (at leads,10sec) 300 °C V ESD 抗静电能力 Maximum ESD stress voltage,Human Body Model >4000 V P D 内部功率消耗耐受 Internal Power Dissipation 2700 mW |