| Moteur de recherche de fiches techniques de composants électroniques |
|
TC664 Fiches technique(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC664 Fiches technique(HTML) 2 Page - Microchip Technology |
|
2 / 36 page ![]() TC664/TC665 DS21737A-page 2 2002 Microchip Technology Inc. Functional Block Diagram VOTF 50 k Ω OTF VMIN TC664/TC665 SENSE FAULT VOUT VDD GND SDA SCLK CF VIN – + + – Clock Generator Serial Port Interface Control Logic Start-up Timer Missing Pulse Detect 100 mV (typ.) + – NC – + Note: OTF condition applies for the TC665 device only. Note |