| Moteur de recherche de fiches techniques de composants électroniques |
|
TC664 Fiches technique(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC664 Fiches technique(HTML) 28 Page - Microchip Technology |
|
28 / 36 page ![]() TC664/TC665 DS21737A-page 28 2002 Microchip Technology Inc. 8.0 PACKAGING INFORMATION 8.1 Package Marking Information * Standard device marking consists of Microchip part number, year code, week code, and traceability code. 10-Pin MSOP Device Legend: 1 Part Number and temperature range 2 Part Number and temperature range 3 Year and work week 4 Lot ID Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. 1 2 3 4 5 6 7 8 9 10 TC664E YWWNNN TC665E |