| Moteur de recherche de fiches techniques de composants électroniques |
|
TC1035ECH Fiches technique(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1035ECH Fiches technique(HTML) 10 Page - Microchip Technology |
|
10 / 16 page ![]() TC1034/TC1035 DS21343B-page 10 © 2002 Microchip Technology Inc. 6.2 Taping Form (Continued) Component Taping Orientation for 6-Pin SOT-23A (EIAJ SC-74) Devices Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size 6-Pin SOT-23A 8 mm 4 mm 3000 7 in Carrier Tape, Number of Components Per Reel and Reel Size Standard Reel Component Orientation For TR Suffix Device (Mark Right Side Up) User Direction of Feed Device Marking PIN 1 Device Marking Device Marking Device Marking Device Marking Device Marking Device Marking Device Marking Device Marking Device Marking Device Marking Device Marking Device Marking W P |