Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1035ECH Fiches technique(PDF) 3 Page - Microchip Technology

No de pièce TC1035ECH
Description  Linear Building Block . Single Operational Amplifiers in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1035ECH Fiches technique(HTML) 3 Page - Microchip Technology

  TC1035ECH Datasheet HTML 1Page - Microchip Technology TC1035ECH Datasheet HTML 2Page - Microchip Technology TC1035ECH Datasheet HTML 3Page - Microchip Technology TC1035ECH Datasheet HTML 4Page - Microchip Technology TC1035ECH Datasheet HTML 5Page - Microchip Technology TC1035ECH Datasheet HTML 6Page - Microchip Technology TC1035ECH Datasheet HTML 7Page - Microchip Technology TC1035ECH Datasheet HTML 8Page - Microchip Technology TC1035ECH Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21343B-page 3
TC1034/TC1035
TC1034/TC1035 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: TA = -40° to +85°C and VDD = 1.8V to 5.5V, unless otherwise specified. Typical values apply at 25°C.
Minimum and maximum values apply for VDD =3.0V.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
ISRC
Output Source Current
3
—
—
mA
VIN+= VDD,VIN-= VSS
Output Shorted to VSS
VDD =1.8V, Gain =1
ISINK
Output Sink Current
4
—
—
mA
VIN+= VSS,VIN-= VDD,
Output Shorted to VDD
VDD =1.8V, Gain =1
En
Input Noise Voltage
—
10
—
µVPP
0.1Hz to 10Hz
en
Input Noise Voltage Density
—
125
—
nV/
√Hz 1kHz
Note
1:
TC1035 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16