Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1035ECH Fiches technique(PDF) 9 Page - Microchip Technology

No de pièce TC1035ECH
Description  Linear Building Block . Single Operational Amplifiers in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1035ECH Fiches technique(HTML) 9 Page - Microchip Technology

Back Button TC1035ECH Datasheet HTML 5Page - Microchip Technology TC1035ECH Datasheet HTML 6Page - Microchip Technology TC1035ECH Datasheet HTML 7Page - Microchip Technology TC1035ECH Datasheet HTML 8Page - Microchip Technology TC1035ECH Datasheet HTML 9Page - Microchip Technology TC1035ECH Datasheet HTML 10Page - Microchip Technology TC1035ECH Datasheet HTML 11Page - Microchip Technology TC1035ECH Datasheet HTML 12Page - Microchip Technology TC1035ECH Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21343B-page 9
TC1034/TC1035
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
1 and 2 = part number code + temperature range and
voltage
3 = year and quarter code
4 = lot ID number
6.2
Taping Form
TC1034/TC1035 (V)
Code
TC1034ECT
AE
TC1035ECH
AF
5-Pin SOT-23A
6-Pin SOT-23A
Component Taping Orientation for 5-Pin SOT-23A (EIAJ SC-74A) Devices
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
5-Pin SOT-23A
8 mm
4 mm
3000
7 in
Carrier Tape, Number of Components Per Reel and Reel Size
User Direction of Feed
Device
Marking
PIN 1
Standard Reel Component Orientation
TR Suffix Device
(Mark Right Side Up)
W
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16