| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4630 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4630 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 33 page ![]() AN4630 Design recommendations when using QFN32 package Figure 16: Discrete balun layout zone An application board using an integrated balun was also designed . The integrated balun was developed internally to STMicroelectronics and can be used only with the BlueNRG/MS device. It is mandatory to follow the layout rules described in the balun datasheet (BALF-NRG-01D3). DocID027262 Rev 1 21/33 |