Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4630 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4630
Description  PCB design guidelines for the BlueNRG and BlueNRG-MS devices
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4630 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4630 Datasheet HTML 9Page - STMicroelectronics AN4630 Datasheet HTML 10Page - STMicroelectronics AN4630 Datasheet HTML 11Page - STMicroelectronics AN4630 Datasheet HTML 12Page - STMicroelectronics AN4630 Datasheet HTML 13Page - STMicroelectronics AN4630 Datasheet HTML 14Page - STMicroelectronics AN4630 Datasheet HTML 15Page - STMicroelectronics AN4630 Datasheet HTML 16Page - STMicroelectronics AN4630 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AN4630
Components dimensioning
Equation 1
Where C1’=C1+CPCB1+CPAD, C2’= C2+CPCB2+CPAD, where C1 and C2 are external
(SMD) components, CPCB1 and CPCB2 are PCB routing parasites and CPAD is the
equivalent small-signal pad-capacitance. The value of CPAD is around 0.5 pF for each
pad. The routing parasites should be minimized by placing quartz and C1/C2 capacitors
close to the chip, not only for an easier matching of the load capacitance C0, but also to
ensure robustness against noise injection. Connect each capacitor of the Xtal oscillator to
ground by a separate via.
Regarding the low-frequency crystal oscillator the same consideration has to be done.
It is important to underline that the BlueNRG and BlueNRG-MS integrate an internal low-
frequency RC oscillator that can be used without external quartz. The customer can choose
to use the internal or an external one. The BlueNRG and BlueNRG-MS also integrate an
internal high-frequency RC oscillator, but it is disabling after an initial system bootstrap, and
it is necessary to use an external quartz for radio operations.
DocID027262 Rev 1
13/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33