| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1755 Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1755 Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 123 page ![]() DocID026257 Rev 2 39/123 UM1755 Vendor specific commands 123 4.3.20 Aci_Gap_Configure_WhiteList Description: Configure the controller's white list with devices that are present in the security database. Event(s) generated: The controller will generate a command complete event on the completion of the command and the status indicates whether the white list was configured or not. The command will return an error if there are no devices in the database or it was unable to add to the white list. 4.3.21 Aci_Gap_Terminate Description: Command the controller to terminate the connection. Table 67. Aci_Gap_Configure_WhiteList Command name Parameters Return Aci_Gap_Configure_WhiteList (0xFC92) Status Table 68. Aci_Gap_Configure_WhiteList return parameters Parameter Size Description Status 1 byte 0x00: Success 0x12: Invalid HCI command parameter 0x47: Error Table 69. Aci_Gap_Terminate Command name Parameters Return Aci_Gap_Terminate (0xFC93) Conn handle Reason Status Table 70. Aci_Gap_Terminate command parameters Parameter Size Description Conn handle 2 bytes Handle of the connection to be terminated Reason 1 byte Reason for requesting disconnection. The error code can be any of ones as specified for the disconnected command in the HCI specification |