Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1755 Fiches technique(PDF) 90 Page - STMicroelectronics

No de pièce UM1755
Description  The purpose of this document is to describe the design of the application
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1755 Fiches technique(HTML) 90 Page - STMicroelectronics

Back Button UM1755 Datasheet HTML 86Page - STMicroelectronics UM1755 Datasheet HTML 87Page - STMicroelectronics UM1755 Datasheet HTML 88Page - STMicroelectronics UM1755 Datasheet HTML 89Page - STMicroelectronics UM1755 Datasheet HTML 90Page - STMicroelectronics UM1755 Datasheet HTML 91Page - STMicroelectronics UM1755 Datasheet HTML 92Page - STMicroelectronics UM1755 Datasheet HTML 93Page - STMicroelectronics UM1755 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 123 page
background image
Vendor specific commands
UM1755
90/123
DocID026257 Rev 2
4.5.29
Aci_Gatt_Write_Charac_Val
Description:
Start the procedure to write a characteristic value.
Event(s) generated:
A command status event is generated on the receipt of the command. When the procedure
is completed, a Evt_Blue_Gatt_Procedure_Cmplt event is generated.
Table 199. Aci_Gatt_Write_Charac_Val
Command name
Parameters
Return
Aci_Gatt_Write_Charac_Val (0xFD1C)
Connection handle
attrHandle
ValLen
AttrVal
Status
Table 200. Aci_Gatt_Write_Charac_Val command parameters
Parameter
Size
Description
Connection handle
2 bytes
Connection handle for which the command is given
attrHandle
2 bytes
Handle of the characteristic to be written
ValLen
1 byte
Length of the value to be written
AttrVal
0-N bytes
Value to be written
Table 201. Aci_Gatt_Write_Charac_Val return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x42: Invalid parameters
0x46: Not allowed
- If the exchange has already taken place
- If GATT is expecting response for previous request
- Already a request is in the queue to be sent
- Channel not open
- Already one GATT procedure is started



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More