Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1755 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce UM1755
Description  The purpose of this document is to describe the design of the application
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1755 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button UM1755 Datasheet HTML 27Page - STMicroelectronics UM1755 Datasheet HTML 28Page - STMicroelectronics UM1755 Datasheet HTML 29Page - STMicroelectronics UM1755 Datasheet HTML 30Page - STMicroelectronics UM1755 Datasheet HTML 31Page - STMicroelectronics UM1755 Datasheet HTML 32Page - STMicroelectronics UM1755 Datasheet HTML 33Page - STMicroelectronics UM1755 Datasheet HTML 34Page - STMicroelectronics UM1755 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 123 page
background image
DocID026257 Rev 2
31/123
UM1755
Vendor specific commands
123
Event(s) generated:
When the command has completed, the controller will generate a command complete
event.
4.3.12
Aci_Gap_Init
Description:
Register the GAP service with the GATT. If the role is peripheral, then the device name
characteristic and appearance characteristic are registered by default and the handles of
these characteristics are returned in the event data.
Table 43. Aci_Gap_Authorization_Response return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x42: Invalid parameter
0x0C: Command disallowed
Table 44. Aci_Gap_Init
Command name
Parameters
Return
Aci_Gap_Init (0xFC8A)
Role
Status
Service handle
Dev name char handle
Appearance Char
handle
Table 45. Aci_Gap_Init command parameters
Parameter
Size
Description
Role
1 byte
0x01: Peripheral
0x02: Broadcaster
0x03: Central
0x04: Observer
Notes: BlueNRG currently supports only peripheral and central
roles
Table 46. Aci_Gap_Init return parameters
Parameter
Size
Description
Status
1 byte
0x00: Success
0x47: Error
Service handle
2 bytes
Handle for the GAP service



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More