| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1542 Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1542 Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 43 page ![]() UM1542 Additional pads Doc ID 023172 Rev 1 31/43 Appendix C Additional pads Additional pads were added on the board to allow the user to customize his own board, for example to replace the two push buttons for temperature order setting with a potentiometer, add LEDs for further temperature orders, etc. Functionality of additional components is not implemented. These pads are shown in Figure 14 and 15 and include: ● One LED replacing the TEMP push button (remove 0 Ω resistor R19, fit LED D11 and resistor R48). ● One LED replacing the buzzer (remove 0 Ω resistor R9 and fit LED D12 and resistor R50) ● One more push button replacing LED2 (remove R33, fit R22, R45, C35 and push button SW5). ● One potentiometer replacing the TEMP+ push button (remove 0 Ωresistor R20, fit R21, C34, and potentiometer R44). Figure 15. Placement of additional pads AM12251v1 Additional pads |