| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1542 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1542 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 43 page ![]() UM1542 Using the STEVAL-IHT001V2 thermostat kit Doc ID 023172 Rev 1 21/43 Figure 7. GUI - temperature control tab 3.6.2 Timing control tab This section (Figure 8) controls the gate current width for the AC switches, the delay to switch ON the AC switches Q1 (for compressor) and Q3 (for fan), the ZVS delay, the delay to activate defrost and the defrost duration. These parameters are sent and received by clicking on the “Set” or “Get” buttons, respectively. Note that the default parameters are given in Appendix G, and they can be retrieved by clicking on the “Restore Default” push button. Figure 8. GUI - timing control window The ZVS delay is the delay between the AC mains zero voltage and the detection of this zero voltage by the MCU in order to synchronize the MCU orders with the AC mains voltage. The MCU uses the zero-voltage crossing (ZVC) events to synchronize the AC switches gate current pulses. |