Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1542 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce UM1542
Description  Cold thermostat kit based on AC switches and the STM8S003F3
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1542 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button UM1542 Datasheet HTML 19Page - STMicroelectronics UM1542 Datasheet HTML 20Page - STMicroelectronics UM1542 Datasheet HTML 21Page - STMicroelectronics UM1542 Datasheet HTML 22Page - STMicroelectronics UM1542 Datasheet HTML 23Page - STMicroelectronics UM1542 Datasheet HTML 24Page - STMicroelectronics UM1542 Datasheet HTML 25Page - STMicroelectronics UM1542 Datasheet HTML 26Page - STMicroelectronics UM1542 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
UM1542
Using the STEVAL-IHT001V2 thermostat kit
Doc ID 023172 Rev 1
23/43
3.6.5
Saving data
The user can choose to update the STM8 MCU firmware with the timing and temperature
parameters used. A dedicated button allows, in fact, uploading of these parameters.
Otherwise, the STM8 MCU is not updated and default parameters is used for the next
switch-on of the thermostat.
The current parameters can also be saved using the GUI. A .tfs file is available for
uploading. Please note that in this case, the MCU is not programmed with the current
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43