Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4365 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce AN4365
Description  Using STM32F4 MCU power modes with best dynamic efficiency
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4365 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button AN4365 Datasheet HTML 25Page - STMicroelectronics AN4365 Datasheet HTML 26Page - STMicroelectronics AN4365 Datasheet HTML 27Page - STMicroelectronics AN4365 Datasheet HTML 28Page - STMicroelectronics AN4365 Datasheet HTML 29Page - STMicroelectronics AN4365 Datasheet HTML 30Page - STMicroelectronics AN4365 Datasheet HTML 31Page - STMicroelectronics AN4365 Datasheet HTML 32Page - STMicroelectronics AN4365 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
DocID025303 Rev 2
29/35
AN4365
STM32F4 low-power application case
34
Figure 15. MDK-ARM application workspaces
3.2.2
Hardware requirements
To setup the application, the user should connect the two discoveries through I2C lines and
GND, as shown in Figure 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35