Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4365 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce AN4365
Description  Using STM32F4 MCU power modes with best dynamic efficiency
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4365 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button AN4365 Datasheet HTML 14Page - STMicroelectronics AN4365 Datasheet HTML 15Page - STMicroelectronics AN4365 Datasheet HTML 16Page - STMicroelectronics AN4365 Datasheet HTML 17Page - STMicroelectronics AN4365 Datasheet HTML 18Page - STMicroelectronics AN4365 Datasheet HTML 19Page - STMicroelectronics AN4365 Datasheet HTML 20Page - STMicroelectronics AN4365 Datasheet HTML 21Page - STMicroelectronics AN4365 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
STM32F4 current consumption measuring
AN4365
18/35
DocID025303 Rev 2
2.1.2
Firmware architecture description
For Run mode, the CoreMark benchmark is executed at the defined system configuration.
CoreMark is a standard code developed by the Embedded Processor Benchmark
Consortium (EEBMC) to provide a standard set of benchmarks that IDMs subscribe to, in
order to measure the performance of their MCUs under “real world” conditions.
Figure 8 shows the different parts of the STM32F4 current consumption measuring project.
Figure 8. Current consumption measuring project overview
The drivers of the firmware are:
•
main.c: contains the initialization code and starts the application as per the selected
power modes and sub-modes.
•
pwr_modes.c: contains all the selected sub-mode configurations of all STM32F4
devices.
•
core_portme.c: controls the CoreMark benchmark.
•
STM32F4_it.c: contains the interrupt handlers for the application.
•
core_list_join.c & core_main.c &core_matrix.c & core_state.c & core_util.c: these
drivers implement the CoreMark benchmark functions.
•
readme.txt: this file describes how to use the firmware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35