| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4365 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4365 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 35 page ![]() STM32F4 low-power application case AN4365 28/35 DocID025303 Rev 2 Figure 14. Firmware architecture overview 3.2 How to use the application 3.2.1 Software requirements To use this example, you need to load it on two STM32F4 discovery boards. In the toolchain interface, choose the dedicated workspace to configure the I2C peripheral as a Master or Slave device. This application offers six workspaces: • STM32F401_MB1115B_M • STM32F401_MB1115B_S • STM32F429_MB1075B_M • STM32F429_MB1075B_S • STM32F407_MB997C_M • STM32F407_MB997C_S The STM32F401_MB1115B_M, for example, is a workspace for STM32F401x devices with the MB1115B Discovery board and configured as Master (M). To use a configuration as sensor, the user should choose the workspace with suffix “_S”, such as STM32F401_MB1115B_S. |