| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4206 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4206 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 34 page ![]() Reference design AN4206 32/34 DocID023944 Rev 4 Figure 14. STM32F373 microcontroller reference schematic 1. On STM32F373, if no external battery is used in the application and in STM32F378 in all cases, it is recommended to connect VBAT externally to VDD. 2. On STM32F378, GPIO port PB2 is replaced by the NPOR function. Note 1 |