Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4206 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce AN4206
Description  Getting started with STM32F3 series hardware development
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4206 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button AN4206 Datasheet HTML 23Page - STMicroelectronics AN4206 Datasheet HTML 24Page - STMicroelectronics AN4206 Datasheet HTML 25Page - STMicroelectronics AN4206 Datasheet HTML 26Page - STMicroelectronics AN4206 Datasheet HTML 27Page - STMicroelectronics AN4206 Datasheet HTML 28Page - STMicroelectronics AN4206 Datasheet HTML 29Page - STMicroelectronics AN4206 Datasheet HTML 30Page - STMicroelectronics AN4206 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
DocID023944 Rev 4
27/34
AN4206
STM32F3x8 vs STM32F30x/F373
33
PB2 GPIO (or PB7 GPIO
depending on the product
and package)
Available
Not available. It is replaced by the
NPOR functionality used for power-
on reset.
Bootloader COM
interfaces
F30xB/C and F37x: USART1
(PA9/PA10), USART2
(PD5/PD6) or USB (PA11/PA12)
through DFU (device firmware
upgrade).
F30xx6/8/D/E:USART1
(PA9/PA10), USART2 (PA2/PA3)
or USB (PA11/PA12) through
DFU (device firmware upgrade).
F303x6/8 and
F334x6/8:USART1 (PA9/PA10),
USART2 (PA2/PA3) or I2C1
(PB6/PB7).
F358xx and F378xx: USART1
(PA9/PA10), USART2 (PD5/PD6)
or I2C1 (PB6/PB7)
F328xx:USART1 (PA9/PA10),
USART2 (PA2/PA3) or I2C1
(PB6/PB7)
F318xx/F398xx:USART1
(PA9/PA10), USART2 (PA2/PA3) or
I2C1 (PB6/PB7) or I2C3 (PA8,PB5)
1.
VDDSD on STM32F373 only.
Table 4. STM32F30x/F373 versus STM32F3x8 (continued)
Feature
STM32F30x/F373
STM32F3x8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34