Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4206 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN4206
Description  Getting started with STM32F3 series hardware development
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4206 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN4206 Datasheet HTML 26Page - STMicroelectronics AN4206 Datasheet HTML 27Page - STMicroelectronics AN4206 Datasheet HTML 28Page - STMicroelectronics AN4206 Datasheet HTML 29Page - STMicroelectronics AN4206 Datasheet HTML 30Page - STMicroelectronics AN4206 Datasheet HTML 31Page - STMicroelectronics AN4206 Datasheet HTML 32Page - STMicroelectronics AN4206 Datasheet HTML 33Page - STMicroelectronics AN4206 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
DocID023944 Rev 4
31/34
AN4206
Reference design
33
Figure 13. STM32F30x microcontroller reference schematic
1.
On STM32F30x, if no external battery is used in the application and in STM32F3x8 in all cases, it is
recommended to connect VBAT externally to VDD.
2.
On STM32F3x8, GPIO port PB2 is replaced by the NPOR function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34