| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1045 Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1045 Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 36 page ![]() Connector pinouts EVALSPEAr320HMI 22/36 Doc ID 18410 Rev 3 5.10 General purpose GPIO, I2C connector (CN701) 5.11 Primer2 extension connector (CN702) Table 20. General purpose GPIO, I2C connector pinout (CN701) Pin Description Pin Description Pin Description Pin Description 1 +3V3 6 PL_GPIO5 (I2C_SDA)(1)(2) 11 PL_GPIO34 16 GND 2 NC 7 NC 22 GND 17 NC 3 NC 8 NC 23 PL_GPIO35 18 +2V5 4 GND 9 PL_GPIO39 24 GND 19 +5V0 5 PL_GPIO4 (I2C_SCK)(2) 10 GND 25 PL_GPIO21 20 NC 1. R708, R709 -pull-ups for the SCLK and SDA line of I2C 2. R104, C80 -RC filter for the SDA line (R707, C701) Table 21. Primer2 extension connector pinout (CN702) Pin Description Pin Description Pin Description Pin Description 1 +3V3 6 SSP0_MOSI 11 AIN3 16 UART2_TX 2 GND 7 SSP0_CLK 22 AIN4 17 PL_GPIO_54 3I2C_SCK(1) 8 SSP0_SS0 23 AIN2 18 UART2_RX 4I2C_SDA(1)(2) 9 P1_CANH 24 PL_GPIO52 19 +5V0 5 SSP0_MISO 10 P1_CANL 25 PL_GPIO53 20 GND 1. R708, R709 -Pull-ups for the SCLK and SDA line of I2C 2. R104, C80 -RC filter for the SDA line (R707, C701) |