| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1045 Fiches technique(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1045 Fiches technique(HTML) 18 Page - STMicroelectronics |
|
18 / 36 page ![]() Connector pinouts EVALSPEAr320HMI 18/36 Doc ID 18410 Rev 3 5.3 RS232/UART0 DB9 plug connector (CN500) 5.4 RS232/UART2 DB9 plug connector (CN501) 5.5 RS232/UART1 DB9 plug connector (CN502) Table 13. RS232/UART0 DB9 plug connector pinout (CN500) Pin Description Pin Description 1 NC (R500 R79 can interconnect this pin with pins 4, 6) 6 Connected to pin 4 2 UART0_RX 7 UART0_RTS 3 UART0_TX 8 UART0_CTS 4 Connected to pin 6 9 NC 5 GND 12 3 4 5 6 7 8 9 Table 14. RS232/UART2 DB9 plug connector pinout (CN501) Pin Description Pin Description 1 NC (R502 can interconnect this pin with pins 4, 6) 6 Connected to pin 4 2 UART2_RX 7 Connected to pin 8 3 UART2_TX 8 Connected to pin 7 4 Connected to pin 6 9 NC 5 GND 12 3 4 5 6 7 8 9 Table 15. RS232/UART1 DB9 plug connector pinout (CN502) Pin Description Pin Description 1 NC (R503 can interconnect this pin with pins 4, 6) 6 Connected to pin 4 2 UART1_RX 7 Connected to pin 8 3 UART1_TX 8 Connected to pin 7 4 Connected to pin 6 9 NC 5 GND 12 3 4 5 6 7 8 9 |