| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1045 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1045 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 36 page ![]() EVALSPEAr320HMI Block descriptions and configurations Doc ID 18410 Rev 3 13/36 4.4 CAN The EVALSPEAR320HMI evaluation board supports two channels of CAN2.0A/B compliant CAN bus communication, based on a 3.3 V CAN transceiver. High-speed mode, standby mode, and slope control mode are selected by setting JP400 and JP403 as shown in Table 5 and Table 6. See also: CAN DB9 plug connectors (CN400 and CN401) on page 17 Table 5. CAN0 transceiver settings Jumper Description Configuration JP400 Standby mode High-speed mode (Default) Slope control mode JP401 Installing JP401 enables the CAN0 terminal 120 Ω resistor. Default: installed Table 6. CAN1 transceiver settings Jumper Description Configuration JP403 Standby mode High-speed mode (Default) Slope control mode JP404 Installed, JP404 enables the CAN1 terminal 120 Ω resistor. Default: installed 1 2 3 1 23 1 2 3 1 2 3 1 2 3 1 2 3 1 2 3 1 2 3 |