Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1037 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce UM1037
Description  STM8L1528-EVAL evaluation board
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1037 Fiches technique(HTML) 5 Page - STMicroelectronics

  UM1037 Datasheet HTML 1Page - STMicroelectronics UM1037 Datasheet HTML 2Page - STMicroelectronics UM1037 Datasheet HTML 3Page - STMicroelectronics UM1037 Datasheet HTML 4Page - STMicroelectronics UM1037 Datasheet HTML 5Page - STMicroelectronics UM1037 Datasheet HTML 6Page - STMicroelectronics UM1037 Datasheet HTML 7Page - STMicroelectronics UM1037 Datasheet HTML 8Page - STMicroelectronics UM1037 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
UM1037
Hardware layout and configuration
Doc ID 18294 Rev 1
5/46
2
Hardware layout and configuration
The STM8L1528-EVAL evaluation board is designed around the STM8L152M8T6 (80-pin
LQFP package). The hardware block diagram Figure 2 illustrates the connection between
STM8L152M8T6 and peripherals (LCD glass, dot matrix LCD, serial Flash, EEPROM,
temperature sensor, USART, IrDA, audio, MicroSD card, Motor Control and embedded ST-
LINK/V2) and Figure 3 will help you locate these features on the actual evaluation board.
Figure 2.
Hardware block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46