| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1037 Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1037 Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 46 page ![]() UM1037 STM8L1528-EVAL IO pin assignment Doc ID 18294 Rev 1 43/46 33 PH4 USART2_RX / IDD_CNT_EN 34 PH5 USART2_TX / LP_WAKEUP 35 PH6 User button 36 PH7 CS_Flash 37 VDDIO 38 VSSIO 39 PB0 LCD_SEG10 / MC_Encoder A 40 PB1 LCD_SEG11 / MC_Dissipative brake & MC_PFC PWM 41 PB2 LCD_SEG12 / MC_Encoder B / IR_receiver 42 PB3 LCD_SEG13 / MC_headsink temperature / Microphone input 43 PB4 LCD_SEG14 / TS_Cap or Bootloader_SPI1_NSS 44 PB5 LCD_SEG15 / TS2_button or Bootloader_SPI1_SCK 45 PB6 LCD_SEG16 / TS1_button or Bootloader_SPI1_MOSI 46 PB7 LCD_SEG17 / Bootloader_SPI1_MISO 47 VDDIO 48 VSSIO 49 PF0 Audio_DAC1 / BNC 50 PF1 Audio_DAC2 / MC_ADC_IN25 (Current B2) 51 PF2 CS_LCD 52 PF3 IDD_measurement 53 PF4 LCD_COM4 54 PF5 LCD_COM5 55 PF6 LCD_COM6 56 PF7 LCD_COM7 57 PD4 LCD_SEG18 / MC_VH 58 PD5 LCD_SEG19 / MC_WH 59 PD6 LCD_SEG20 / MC_EmergencySTOP 60 PD7 LCD_SEG21 / MC_UL 61 PG4 LCD_SEG32 / JOY_SEL 62 PG5 LCD_SEG33 / headphone_detect 63 PG6 LCD_SEG34 / MicroSD detect 64 PG7 LCD_SEG35 / MicroSD_CS 65 PC0 I²C SDA Table 21. IO pin assignment (continued) Pin No. Pin name STM8L1528-EVAL IO assignment |