Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1037 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce UM1037
Description  STM8L1528-EVAL evaluation board
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1037 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button UM1037 Datasheet HTML 21Page - STMicroelectronics UM1037 Datasheet HTML 22Page - STMicroelectronics UM1037 Datasheet HTML 23Page - STMicroelectronics UM1037 Datasheet HTML 24Page - STMicroelectronics UM1037 Datasheet HTML 25Page - STMicroelectronics UM1037 Datasheet HTML 26Page - STMicroelectronics UM1037 Datasheet HTML 27Page - STMicroelectronics UM1037 Datasheet HTML 28Page - STMicroelectronics UM1037 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
UM1037
Connectors
Doc ID 18294 Rev 1
25/46
Note:
All IOs marked in with grey shading can be disconnected from the function block on
STM8L1528-EVAL board by removing the LCD glass module (MB904) board.
3.4
SWIM connectors CN5 and CN8
Figure 10.
SWIM debugging connectors CN5 and CN8
36
PE0
LCD glass & MC
Put MB905 in "IO"
position
Disconnect power
driver board from Motor
control connector
38
PG2
LCD glass & JOY
Put MB905 in "IO"
position
Remove R106
40
PG0
LCD glass & JOY
Put MB905 in "IO"
position
Remove R107
42
PA7
LCD glass & MC
Put MB905 in "IO"
position
Disconnect power
driver board from Motor
control connector
44
PA5
LCD glass
Put MB905 in "IO"
position
Table 16.
Daughter board extension connector CN4 (continued)
Pin
Description
Alternative Function
How to disconnect
with function block on
STM8L1528-EVAL
board
Table 17.
SWIM debugging connector CN5 and CN8
Pin number
Description
Pin number
Description
1
VDD
2
SWIM line (PA0)
3
GND
4
RESET#
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46