Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0851 Fiches technique(PDF) 122 Page - STMicroelectronics

No de pièce UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Fiches technique(HTML) 122 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 118Page - STMicroelectronics UM0851 Datasheet HTML 119Page - STMicroelectronics UM0851 Datasheet HTML 120Page - STMicroelectronics UM0851 Datasheet HTML 121Page - STMicroelectronics UM0851 Datasheet HTML 122Page - STMicroelectronics UM0851 Datasheet HTML 123Page - STMicroelectronics UM0851 Datasheet HTML 124Page - STMicroelectronics UM0851 Datasheet HTML 125Page - STMicroelectronics UM0851 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 245 page
background image
Communication device drivers
UM0851
122/245
Doc ID 16604 Rev 2
●
IP over HDLC
The Linux HDLC mid-layer wraps HDLC to a network device. It is possible to implement
IP protocol over an HDLC interface. You need two boards to make an IP-based test.
Example :
On board A
# setslot hdlc0 tx 0-127
# setslot hdlc0 rx 0-127
# sethdlc hdlc0 hdlc
# ifconfig hdlc0 192.168.1.1 netmask 255.255.255.0
On board B
# setslot hdlc0 tx 0-127
# setslot hdlc0 rx 0-127
# sethdlc hdlc0 hdlc
# ifconfig hdlc0 192.168.1.2 netmask 255.255.255.0
Ping from board A
# ping 192.168.1.2
4.10.10
Configuration options
4.10.11
References
●
HDLC framework in linux "drivers/net/wan" for Linux 2.6.27
●
SPEAr HDLC driver "drivers/net/wan/spr_hdlc.c" and "drivers/net/wan/spr_hdlc.h".
●
HDLC Framework documentation Documentation/networking/generic-hdlc.txt.
●
http://www.kernel.org/pub/linux/utils/net/hdlc/
●
hdlctest utility: http://www.kernel.org/pub/linux/utils/net/hdlc/hdlctest-1.0.tar.gz
●
sethdlc utility: http://www.kernel.org/pub/linux/utils/net/hdlc/sethdlc-1.18.tar.gz
●
setslot utility
Table 36.
Menuconfig options
Configuration option
Comment
SPEAR_HDLC
SPEAR HDLC support
SPEAR_TDM_HDLC
Enables TDM interface
SPEAR_TDM_HDLC_CHANNEL_NUM
Number of TDM sub channel
SPEAR_E1_DS21554_INIT
Enables E1 interface
SPEAR_RS485_1_HDLC
Enables RS485 1 interface
SPEAR_RS485_1_HDLC_CTS_ENABLE
Enables collision detection for RS485 1 interface
SPEAR_RS485_2_HDLC
Enables RS485 2 interface
SPEAR_RS485_2_HDLC_CTS_ENABLE
Enables collision detection for RS485 2 interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More