Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0851 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 35Page - STMicroelectronics UM0851 Datasheet HTML 36Page - STMicroelectronics UM0851 Datasheet HTML 37Page - STMicroelectronics UM0851 Datasheet HTML 38Page - STMicroelectronics UM0851 Datasheet HTML 39Page - STMicroelectronics UM0851 Datasheet HTML 40Page - STMicroelectronics UM0851 Datasheet HTML 41Page - STMicroelectronics UM0851 Datasheet HTML 42Page - STMicroelectronics UM0851 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 245 page
background image
UM0851
Platform section
Doc ID 16604 Rev 2
39/245
Figure 5.
RTC functional block diagram
3.3.2
Software overview
RTC support in the kernel is architected into two layers: a hardware-independent top-layer
char driver that implements the kernel RTC API, and a hardware-dependent bottom-layer
driver that communicates with the underlying bus.
The SPEAr RTC driver is located in linux/drivers/rtc/spr_rtc_st.c
CLK
C32K
TST_MODE_SCAN
TST_MODE_IDDQ
PSEL
PENABLE
RWRITE
PADDR (4:2)
PWDATA (31:0)
RTC
OSCI32B_EN
PCDATA (31:0)
INTERRUPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More