| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0851 Fiches technique(PDF) 119 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0851 Fiches technique(HTML) 119 Page - STMicroelectronics |
|
119 / 245 page ![]() UM0851 Communication device drivers Doc ID 16604 Rev 2 119/245 strcpy(req.ifr_name, "hdlc0"); data[0] = TX; data[1] = TIMESLOT0; req.ifr_data = data; ioctl(sock, SIOCDEVASSIGNSLOT, &req); close(sock); /* Here, the first word in data array is direction (1 for TX, 0 for Rx). The second word is Timeslot number. */ 4.10.6 Application code The application uses standard socket interface to access the HDLC channel. The code in Section 4.10.7: Test utilities can be used as a reference. |