Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0851 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 18Page - STMicroelectronics UM0851 Datasheet HTML 19Page - STMicroelectronics UM0851 Datasheet HTML 20Page - STMicroelectronics UM0851 Datasheet HTML 21Page - STMicroelectronics UM0851 Datasheet HTML 22Page - STMicroelectronics UM0851 Datasheet HTML 23Page - STMicroelectronics UM0851 Datasheet HTML 24Page - STMicroelectronics UM0851 Datasheet HTML 25Page - STMicroelectronics UM0851 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 245 page
background image
Boot loader overview
UM0851
22/245
Doc ID 16604 Rev 2
setenv bootargs "initrd=0x00800040,7M
…"
●
init=
This argument runs a specified binary (ex: /bin/sh) instead of /sbin/init as init process.
setenv bootargs "init=/bin/sh
…"
●
root=
●
rootdelay=
●
rootfstype=
●
nfsroot=
These arguments provide information about how the root file system must be mounted.
/* NFS mount */
setenv bootargs "root=/dev/nfs nfsroot=192.168.1.1:/home/spear600/rootfs …"
/* MTD mount (NAND/NOR flash) */
"root=/dev/mtdblock3 rootfstype=jffs2 ..."
/* RAMDisk mount */
setenv bootargs "root=/dev/ram0 initrd=0x00800040,7M …"
/* USB flash mount */
setenv bootargs "root=/dev/sda1 rootdelay=5 …"
●
"ip=<client-ip>:<server-ip>:<gw-ip>:<netmask>:<hostname>:<device>:<autoconf>
This argument shows how the IP address is determined.
setenv bootargs
"ip=192.168.1.13:192.168.1.1:192.168.1.1:255.255.255.0:spear600:eth0:off …"
●
mtdparts=
This argument overwrites the default MTD Flash partitioning.
/*
mtdparts=<mtddef>[;<mtddef]
*
<mtddef>
:= <mtd-id>:<partdef>[,<partdef>]
*
<partdef> := <size>[@offset][<name>][ro][lk]
*
<mtd-id>
:= unique name used in mapping driver/device (mtd->name)
*
<size>
:= standard linux memsize OR "-" to denote all remaining space
*
<name>
:= '(' NAME ')'
*/
setenv bootargs
"mtdparts=SMI-NOR0:2M(PARTITION-1),3M(PARTITION-2)... "



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More