| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0629 Fiches technique(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0629 Fiches technique(HTML) 24 Page - STMicroelectronics |
|
24 / 26 page ![]() STM8L101-EVAL I/O assignment UM0629 24/26 Doc ID 15312 Rev 2 Appendix A STM8L101-EVAL I/O assignment Table 13. STM8L101-EVAL input and output assignment STM8L101 pin number Pin name STM8L101-EVAL pin assignment STM8L101 pin number Pin name STM8L101-EVAL pin assignment 1 PA1 - NRESET RESET 17 PB4 SD_card_CS 2 PA2 Unused 18 PB5 SPI_SCK 3 PA3 Unused 19 PB6 SPI_MOSI 4 PA4 Joystick down 20 PB7 SPI_MISO 5 PA5 User button 21 PD4 LED 1 6 PA6 COMP_REF 22 PD5 LED 2 7 VSS GND 23 PD6 LED 3 8 VDD VDD 24 PD7 Joystick select 9 PD0 Audio PWM_out 25 PC0 I²C_SDA_E2P 10 PD1 LCD_CS 26 PC1 I²C_SCL_E2P 11 PD2 CMP2_Potentiometer 27 PC2 USART_RX 12 PD3 CMP2_VREF 28 PC3 USART_TX 13 PB0 Bi-color LED 29 PC4 VREF_CTRL 14 PB1 Joystick left 30 15 PB2 Joystick right 31 16 PB3 Joystick up 32 PA0 SWIM / Beep |