| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0629 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0629 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 26 page ![]() STM8L1/L2 motherboard UM0629 12/26 Doc ID 15312 Rev 2 Figure 5. Voltage measurement using internal comparator 2.12 MicroSD connector CN1 Figure 6. MicroSD connector CN1 viewed from front Table 6. Potentiometer RV1 related jumpers Jumper Description Setting JP2 RV1 is connected to PD2 as one input of the internal comparator when JP2 is set as shown to the right: JP2 position is called Comp_PD2 on the silk-screen. RV1 is not connected when JP2 is set as shown to the right: (default setting). JP2 position is called ADC_PE0 on the silk-screen. 1 2 3 1 2 3 |