| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0629 Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0629 Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 26 page ![]() STM8L1 daughterboard UM0629 16/26 Doc ID 15312 Rev 2 3 STM8L1 daughterboard 3.1 Power The STM8L101 MCU is powered by MCU_VDD from the motherboard through an extension connector on the board. It is enabled by setting the jumper JP1 as described in Table 12. 3.2 Extension connector CN1 and CN2 The 36-pin connectors CN1 and CN2 are designed to be connected to the motherboard. The pin-out definition is the same as CN3 and CN4 on the motherboard which is described in Section 2.13. Warning: On MB710 PCB rev B, CN2 (pin 26) silk-screen PB5 is missing Table 12. Power related jumper* Jumper Description JP1 Enables consumption measurement of VDD when the jumper is removed and replaced by an ammeter. Default setting: Fitted. |