Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4067 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN4067
Description  Microcontrollers of STM32F0x1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4067 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN4067 Datasheet HTML 10Page - STMicroelectronics AN4067 Datasheet HTML 11Page - STMicroelectronics AN4067 Datasheet HTML 12Page - STMicroelectronics AN4067 Datasheet HTML 13Page - STMicroelectronics AN4067 Datasheet HTML 14Page - STMicroelectronics AN4067 Datasheet HTML 15Page - STMicroelectronics AN4067 Datasheet HTML 16Page - STMicroelectronics AN4067 Datasheet HTML 17Page - STMicroelectronics AN4067 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Internal RC oscillator calibration
AN4067
14/27
DocID022913 Rev 2
3.3.1
Internal oscillator calibration with minimum error
The HSI_CalibrateMinError() function calibrates the internal oscillator (HSI) to have
the frequency nearest to the typical value. It measures all frequencies for different trimming
values and provides the trimming value that corresponds to the frequency with the minimum
error. The trimming value thus obtained is programmed in the trimming bits.
After calibration, the HSI_CalibrateMinError() function returns the internal oscillator
frequency value as an unsigned 32-bit integer (uint32_t).
The flowchart in Figure 10 provides the algorithm for this function.
Example
uint32_t InternOscAfterCalib = 0;
{
......
/* Get the internal oscillator (HSI) value after calibration */
InternOscAfterCalib = HSI_CalibrateMinError();
}
In case of an HSI14 calibration, the HSI14_CalibrateMinError() function should be used
instead of HSI_CalibrateMinError().



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27