Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4067 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4067
Description  Microcontrollers of STM32F0x1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4067 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4067 Datasheet HTML 9Page - STMicroelectronics AN4067 Datasheet HTML 10Page - STMicroelectronics AN4067 Datasheet HTML 11Page - STMicroelectronics AN4067 Datasheet HTML 12Page - STMicroelectronics AN4067 Datasheet HTML 13Page - STMicroelectronics AN4067 Datasheet HTML 14Page - STMicroelectronics AN4067 Datasheet HTML 15Page - STMicroelectronics AN4067 Datasheet HTML 16Page - STMicroelectronics AN4067 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
DocID022913 Rev 2
13/27
AN4067
Internal RC oscillator calibration
26
Note:
When using an external signal as a reference, another timer can be used instead of TIM14.
The firmware provided with this application note uses TIM14.
Refer to the application note AN2868 “Internal RC oscillator (HSI) calibration” for more
details about using the external signal frequency for calibration.
3.2.3
Measure the HSI14 frequency
The STM32F0xx product family offers a useful feature, that is the ability to connect internally
and indirectly the High-speed internal (HSI14) oscillator to Timer 14 channel 1.
Figure 7 shows the hardware connections needed for internal oscillators calibration.
Figure 9. Hardware connection For HSI14
1.
TI1_RPM: TIM14 input 1 remapping
2.
TI1: Timer input 1
3.
IC1PS: Input capture 1 prescaled
3.3
Description of the internal oscillator calibration firmware
The internal RC oscillator calibration firmware provided with this application note includes 4
major functions:
uint32_t HSI_CalibrateMinError(void)
ErrorStatus HSI_CalibrateFixedError(uint32_t MaxAllowedError,
uint32_t* Freq)
uint32_t HSI14_CalibrateMinError(void)
ErrorStatus HSI14_CalibrateFixedError(uint32_t MaxAllowedError,
uint32_t* Freq)
ErrorStatus HSI_CalibrateCurve( uint32_t* Freq );
void HSI_GetCurve( void );
ErrorStatus HSI14_CalibrateCurve(uint32_t* Freq);
void HSI14_GetCurve(void);
uint32_t HSI48_FreqMeasure( void );
uint32_t HSI48_ManualTrimming( void );



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27