Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4031 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN4031
Description  Using the STM32F2 and STM32F4 DMA controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4031 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN4031 Datasheet HTML 27Page - STMicroelectronics AN4031 Datasheet HTML 28Page - STMicroelectronics AN4031 Datasheet HTML 29Page - STMicroelectronics AN4031 Datasheet HTML 30Page - STMicroelectronics AN4031 Datasheet HTML 31Page - STMicroelectronics AN4031 Datasheet HTML 32Page - STMicroelectronics AN4031 Datasheet HTML 33Page - STMicroelectronics AN4031 Datasheet HTML 34Page - STMicroelectronics AN4031 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
DocID022648 Rev 1
31/36
AN4031
How to predict DMA latencies
35
This figure illustrates the following conclusions:
•
CPU polling on APB1 is not impacting the DMA transfer latency on APB2.
•
For the DMA2_Stream2 (SPI1_RX) transaction, at the eighth AHB clock cycle, there is
no bus matrix arbitration since it is supposed that the last master that accessed the
SRAM is DMA2 (so no re-arbitration is needed).
•
For the DMA2_Stream3 (SPI1_TX) transaction, this stream anticipates the read from
SRAM and writes it on the FIFO and then, once triggered, the DMA peripheral port
(destination is SPI1) starts operation.
•
For DMA2_Stream3, the DMA peripheral arbitration phase (1 AHB cycle) is executed
during the DMA2_Stream2 bus synchronization cycle.
This optimization is always executed like this when the DMA request is triggered before
the end of a current DMA request transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36