Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4031 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN4031
Description  Using the STM32F2 and STM32F4 DMA controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4031 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN4031 Datasheet HTML 5Page - STMicroelectronics AN4031 Datasheet HTML 6Page - STMicroelectronics AN4031 Datasheet HTML 7Page - STMicroelectronics AN4031 Datasheet HTML 8Page - STMicroelectronics AN4031 Datasheet HTML 9Page - STMicroelectronics AN4031 Datasheet HTML 10Page - STMicroelectronics AN4031 Datasheet HTML 11Page - STMicroelectronics AN4031 Datasheet HTML 12Page - STMicroelectronics AN4031 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
DocID022648 Rev 1
9/36
AN4031
DMA controller description
35
Table 4 andTable 5 show the possible configurations of DMA streams/channels versus
peripheral requests for STM32F401 products.
Table 3. DMA2 request mapping
Peripheral
requests
Stream 0
Stream 1
Stream 2
Stream 3
Stream 4
Stream 5
Stream 6
Stream 7
Channel 0
ADC1
SAI1_A(1)
TIM8_CH1
TIM8_CH2
TIM8_CH3
SAI1_A(1)
ADC1
SAI1_B(1)
TIM1_CH1
TIM1_CH2
TIM1_CH3
-
Channel 1
-
DCMI
ADC2
ADC2
SAI1_B(1)
SPI6_TX(1)
SPI6_RX(1)
DCMI
Channel 2
ADC3
ADC3
-
SPI5_RX(1)
SPI5_TX(1)
CRYP_OUT
CRYP_IN
HASH_IN
Channel 3
SPI1_RX
-
SPI1_RX
SPI1_TX
-
SPI1_TX
-
-
Channel 4
SPI4_RX(1)
SPI4_TX(1)
USART1_RX
SDIO
-
USART1_RX
SDIO
USART1_TX
Channel 5
-
USART6_RX
USART6_RX
SPI4_RX(1)
SPI4_TX(1)
-
USART6_TX
USART6_TX
Channel 6
TIM1_TRIG
TIM1_CH1
TIM1_CH2
TIM1_CH1
TIM1_CH4
TIM1_TRIG
TIM1_COM
TIM1_UP
TIM1_CH3
-
Channel 7
-
TIM8_UP
TIM8_CH1
TIM8_CH2
TIM8_CH3
SPI5_RX(1)
SPI5_TX(1)
TIM8_CH4
TIM8_TRIG
TIM8_COM
1.
These requests are available on STM32F42xx and STM32F43xx only.
Table 4. DMA1 request mapping for STM32F401
Peripheral
requests
Stream 0
Stream 1
Stream 2
Stream 3
Stream 4
Stream 5
Stream 6
Stream 7
Channel 0
SPI3_RX
-
SPI3_RX
SPI2_RX
SPI2_TX
SPI3_TX
-
SPI3_TX
Channel 1
I2C1_RX
I2C3_RX
-
-
-
I2C1_RX
I2C1_TX
I2C1_TX
Channel 2
TIM4_CH1
-
I2S3_EXT_R
X
TIM4_CH2
I2S2_EXT_TX I2S3_EXT_TX
TIM4_UP
TIM4_CH3
Channel 3
I2S3_EXT_RX
TIM2_UP
TIM2_CH3
I2C3_RX
I2S2_EXT_R
X
I2C3_TX
TIM2_CH1
TIM2_CH2
TIM2_CH4
TIM2_UP
TIM2_CH4
Channel 4
--
-
-
-
USART2_RX
USART2_TX
-
Channel 5
--
TIM3_CH4
TIM3_UP
-
TIM3_CH1
TIM3_TRIG
TIM3_CH2
-
TIM3_CH3
Channel 6
TIM5_CH3
TIM5_UP
TIM5_CH4
TIM5_TRIG
TIM5_CH1
TIM5_CH4
TIM5_TRIG
TIM5_CH2
I2C3_TX
TIM5_UP
-
Channel 7
--
I2C2_RX
I2C2_RX
---
I2C2_TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36