| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4031 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4031 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 36 page ![]() DMA controller description AN4031 12/36 DocID022648 Rev 1 The DMA FIFOs implemented on STM32F2/F4 devices help to: • reduce SRAM access and so give more time for the other masters to access the bus matrix without additional concurrency, • allow software to do burst transactions which optimize the transfer bandwidth, • allow packing/unpacking data to adapt source and destination data width with no extra DMA access. Figure 4. FIFO structure Source: byte 4 words byte lane 0 byte lane 1 byte lane 2 byte lane 3 1/4 1/2 3/4 Full Empty B0 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B 11 B12 B13 B14 B15 Destination: word Source: byte Destination: half-word 4 words byte lane 0 byte lane 1 byte lane 2 byte lane 3 1/4 1/2 3/4 Full Empty B0 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B 11 B12 B13 B14 B15 W0 W1 W2 W3 H0 H1 H2 H3 H4 H5 H6 H7 Source: half-word Destination: word 4 words byte lane 0 byte lane 1 byte lane 2 byte lane 3 1/4 1/2 3/4 Full Empty H0 W0 W1 W2 W3 H1 H2 H3 H4 H5 H6 H7 B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 H7 H6 H5 H4 H3 H2 H1 H0 H7, H6, H5, H4, H3, H2, H1, H0 W3, W2, W1, W0 W3, W2, W1, W0 Source: half-word 4-words byte lane 0 byte lane 1 byte lane 2 byte lane 3 1/4 1/2 3/4 Full Empty Destination: byte H7 H6 H5 H4 H3 H2 H1 H0 B0 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B 11 B12 B13 B14 B15 H0 H1 H2 H3 H4 H5 H6 H7 B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 ai15951 |