Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0459 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce UM0459
Description  ST10F27xZx CAN library
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0459 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button UM0459 Datasheet HTML 21Page - STMicroelectronics UM0459 Datasheet HTML 22Page - STMicroelectronics UM0459 Datasheet HTML 23Page - STMicroelectronics UM0459 Datasheet HTML 24Page - STMicroelectronics UM0459 Datasheet HTML 25Page - STMicroelectronics UM0459 Datasheet HTML 26Page - STMicroelectronics UM0459 Datasheet HTML 27Page - STMicroelectronics UM0459 Datasheet HTML 28Page - STMicroelectronics UM0459 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
UM0459
Controller area network (CAN) routines
27/29
2.2.25
CAN_GetTransmitErrorCounter function
2.2.26
CAN_GetReceiveErrorCounter function
Table 29.
CAN_GetTransmitErrorCounter function description
Function name
CAN_GetTransmitErrorCounter
Prototype
u8 CAN_GetTransmitErrorCounter(CAN_TypeDef* CAN);
Behavior description
Returns the transmit error counter contents.
Input parameter 1
CAN: pointer to a CAN1 or CAN2 CAN_TypeDef structure.
Output parameter
None
Return value
Transmit Error Counter value
Required preconditions
None
Called functions
None
Table 30.
CAN_GetReceiveErrorCounter function description
Function name
CAN_GetReceiveErrorCounter
Prototype
u8 CAN_GetReceiveErrorCounter(CAN_TypeDef* CAN);
Behavior description
Returns the receive error counter contents.
Input parameter 1
CAN: pointer to a CAN1 or CAN2 CAN_TypeDef structure.
Output parameter
None
Return value
Receive Error Counter value
Required preconditions
None
Called functions
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29