Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0459 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce UM0459
Description  ST10F27xZx CAN library
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0459 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button UM0459 Datasheet HTML 19Page - STMicroelectronics UM0459 Datasheet HTML 20Page - STMicroelectronics UM0459 Datasheet HTML 21Page - STMicroelectronics UM0459 Datasheet HTML 22Page - STMicroelectronics UM0459 Datasheet HTML 23Page - STMicroelectronics UM0459 Datasheet HTML 24Page - STMicroelectronics UM0459 Datasheet HTML 25Page - STMicroelectronics UM0459 Datasheet HTML 26Page - STMicroelectronics UM0459 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
UM0459
Controller area network (CAN) routines
23/29
2.2.18
CAN_BasicReceiveMessage function
Example:
This example illustrates how to receive frame in basic mode.
{
canmsg CanMsg;
/*Receive a message in BASIC mode*/
if (CAN_BasicReceiveMessage(CAN1, &CanMsg))
{
/* Check or copy the message contents*/
}
else
{
/* Error handling*/
}
}
Table 22.
CAN_BasicReceiveMessage function description
Function name
CAN_BasicReceiveMessage
Prototype
ErrorStatus CAN_BasicReceiveMessage(CAN_TypeDef*CAN,
canmsg* pCanMsg);
Behavior description
Gets the message in BASIC mode, if received.
This function performs the following operations:
– Tests the NewDat bit in the Message Control register of message
interface 1.
– Clears the RxOk bit in the Status register.
– Copies the message contents from the message interface 1 registers
to the structure.
This mode does not use the message RAM.
Input parameter 1
CAN: pointer to a CAN_TypeDef structure
Input parameter 2
pCanMsg: pointer to the canmsg structure where the received message
is copied.
Output parameter
None
Return value
An ErrorStatus enumeration value:
– SUCCESS: Reception OK
– ERROR: No message pending
Required preconditions
The CAN must have been switched into BASIC mode.
Called functions
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29