| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0459 Fiches technique(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0459 Fiches technique(HTML) 24 Page - STMicroelectronics |
|
24 / 29 page ![]() Controller area network (CAN) routines UM0459 24/29 2.2.19 CAN_WaitEndOfTx function 2.2.20 CAN_GetMsgReceiveStatus Example: This example illustrates how to test the new data registers for the message object 0. { /*Test if a message is pending in the receive message object 0*/ if (CAN_GetMsgReceiveStatus(CAN1, 0)) { /* Receive the message from this message object (i.e. get its data from message RAM)*/ } } Table 23. CAN_WaitEndOfTx function description Function name CAN_WaitEndOfTx Function prototype void CAN_WaitEndOfTx(CAN_TypeDef* CAN); Behavior description Waits until current transmission is finished. This function should be called between two consecutive transmissions to ensure the latest frame has been completely transmitted on the bus, and therefore cannot be aborted anymore. A timeout should be added to avoid the infinite state if an error occurs. Input parameter Pointer to a CAN1 or CAN2 CAN structure. Output parameter None Return value None Required preconditions A message must have been sent before. Called functions None Table 24. CAN_GetMsgReceiveStatus function description Function name CAN_GetMsgReceiveStatus Prototype FlagStatus CAN_GetMsgReceiveStatus(CAN_TypeDef* CAN, u16 msgobj); Behavior description Tests the waiting status of a received message by reading the corresponding bit in the NewData 1 or 2 registers. Input parameter 1 CAN: pointer to a CAN1 or CAN2 CAN_TypeDef structure. Input parameter 2 msgobj: message object number, from 0 to 31. Output parameter None Return value 1 if the corresponding message object has received a message awaiting to be copied, else 0. Required preconditions The corresponding message object must have been set as RX. Called functions None |