Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0224 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 26Page - STMicroelectronics UM0224 Datasheet HTML 27Page - STMicroelectronics UM0224 Datasheet HTML 28Page - STMicroelectronics UM0224 Datasheet HTML 29Page - STMicroelectronics UM0224 Datasheet HTML 30Page - STMicroelectronics UM0224 Datasheet HTML 31Page - STMicroelectronics UM0224 Datasheet HTML 32Page - STMicroelectronics UM0224 Datasheet HTML 33Page - STMicroelectronics UM0224 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Running the demonstrations
STR75x demonstration software
32/34
–
usb_istr.c: ISTR events interrupt service routines
–
boardselftest.h: Header for the boardselftest.c file
–
boardselftest.c: This file provides functions for testing the STR75x-EVAL board.
–
main.h: Header for the main.c file
–
main.c: This file provides a set of functions needed to manage the demonstration
menu
Figure 6.
Software architecture
75x_conf.h
ppp.c
ppp.h
ppp.h
User Application
Hardware Library
75x_map.h
75x_lib.h
75x_it.c
main.h
main.c
Menu.h
Menu.c
lcd.h
lcd.c
calendar.h
calendar.c
lowpower.h
lowpower.c
joystickHID.h
joystickHID.c
smiflash.c
waveplayer.h
waveplayer.c
periodmeasure.h
periodmeasure.c
boardselftest.h
boardselftest.c
ppp.c
xxx.c
xxx.h
voicerecorder.h
voicerecorder.c
usb_prop.h
usb_prop.c
usb_pwr.h
usb_pwr.c
usb_conf.h
USB_lib.h
smiflash.h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34