Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0224 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce UM0224
Description  STR75x Demonstration Software
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0224 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button UM0224 Datasheet HTML 25Page - STMicroelectronics UM0224 Datasheet HTML 26Page - STMicroelectronics UM0224 Datasheet HTML 27Page - STMicroelectronics UM0224 Datasheet HTML 28Page - STMicroelectronics UM0224 Datasheet HTML 29Page - STMicroelectronics UM0224 Datasheet HTML 30Page - STMicroelectronics UM0224 Datasheet HTML 31Page - STMicroelectronics UM0224 Datasheet HTML 32Page - STMicroelectronics UM0224 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
STR75x demonstration software
Running the demonstrations
29/34
The following message is displayed on the LCD:
Press "SEL" to exit from board self test.
Test report
This sub-menu offers the possibility of showing the result of all tests done in the "Start Test"
sub-menu.
If you select this sub-menu before starting the test, the following message is displayed on
the LCD:
After selecting this sub-menu, the result of all the board tests is displayed, it is failed if at
least one test was not correct, else passed if all tests are done successfully. The following
message is displayed on the LCD:
If some tests were failed, a second message is displayed which contains in the first line the
number of the failed test, and in the second line the name of those tests which you can
display one-by-one using the "RIGHT" and "LEFT" push buttons. The following message is
displayed on the LCD:
To exit from the "Test Report" sub-menu, press the "UP/DOWN" push button.
Press ^SEL^
UART1 UART2 Test
Board test not
done yet!!!!
Overall test
!!!xxxxxx!!!
Failed
Passed
!!!Failed!!!
xx Test
Number of
failed Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34