| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0224 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0224 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 34 page ![]() STR75x demonstration software Running the demonstrations 13/34 2.3 STR750 resources 2.3.1 Peripherals All used peripherals are described on the following table: 2.3.2 Interrupts The following table show all the enabled interrupts Table 1. STR750 Demo Peripherals Used Peripherals Application ADC Voice Recorder EIC Main EXTIT Main GPIO All applications MRCC All applications RTC Calendar SMI Wave player, voice recorder, alarm wave and board self test TB System timer TIM Wave player and voice recorder UART Board self test USB USB mouse demo WDG Screen saver Table 2. STR750 Demo Interrupts Interrupts Priority Used for EXTIT Line0 FIQ channel Fast interrupt JoyStick SEL push-button WATCHDOG FIQ channel Fast interrupt Screen Saver RTC IRQ channel 15 Calendar MRCC IRQ channel 14 Detect the clock failure EXTIT IRQ channel 4 JoyStick and Key push-button TIM0 IRQ channel 3 Voice recorder and wave player USB_LP IRQ channel 2 USB synchro TB IRQ channel 1 System timer |