Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3413 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN3413
Description  STM32L1x current consumption measurement and touch sensing demonstration firmware
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3413 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN3413 Datasheet HTML 10Page - STMicroelectronics AN3413 Datasheet HTML 11Page - STMicroelectronics AN3413 Datasheet HTML 12Page - STMicroelectronics AN3413 Datasheet HTML 13Page - STMicroelectronics AN3413 Datasheet HTML 14Page - STMicroelectronics AN3413 Datasheet HTML 15Page - STMicroelectronics AN3413 Datasheet HTML 16Page - STMicroelectronics AN3413 Datasheet HTML 17Page - STMicroelectronics AN3413 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Software description
AN3413
14/18
DocID018933 Rev 2
Figure 6. Standby mode flowchart
IDD measurement and display
The following flowchart describes the IDD measurement process.
START
LCD disabled
RTC disabled
Disable clock sources
Regulator Ultra low power mode
GPIO Low power config
Enable external counter U3
Enter Standby mode
wake-up
event?
NO
YES
Reset
MS19817V1
Configure wake-up pin
System clock to MSI 32 kHz
Reset
Standby
flag?
Measure Standby current
Continue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18