Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3413 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce AN3413
Description  STM32L1x current consumption measurement and touch sensing demonstration firmware
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3413 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button AN3413 Datasheet HTML 3Page - STMicroelectronics AN3413 Datasheet HTML 4Page - STMicroelectronics AN3413 Datasheet HTML 5Page - STMicroelectronics AN3413 Datasheet HTML 6Page - STMicroelectronics AN3413 Datasheet HTML 7Page - STMicroelectronics AN3413 Datasheet HTML 8Page - STMicroelectronics AN3413 Datasheet HTML 9Page - STMicroelectronics AN3413 Datasheet HTML 10Page - STMicroelectronics AN3413 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID018933 Rev 2
7/18
AN3413
Application description
17
When the used push button is pressed again, the power consumption measurement
functions are launched. These functions consist of configuring the device for each low
power consumption mode and then measuring and displaying the result on the LCD panel.
Figure 3. Function Change state diagram
BAR0 to BAR3 are used by the application to indicate ongoing measurements as shown in
Table 1.
In order to save power during the IDD measurement in Stop mode without LCD, the LCD is
switched off. Once the measurement is performed the LCD is switched on to display the
power consumption value.
Table 1. Bars and LCD display linked to functions
Function
Bars
VDD / Linear sensor / Touch buttons
Run mode / Sleep mode
MS19812V1
reset
START
RUN
SLEEP
IDD
VDD
meas
LPRUN
LPSLEEP
IDD
TOUCH
LINEAR
SENSOR
STOP
IDD
STANDBY
IDD
User button
pressed
TOUCHKEYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18