| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3413 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3413 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 18 page ![]() Software description AN3413 12/18 DocID018933 Rev 2 Figure 4. Demo mode sequence Low power modes configuration For IDD measurement in Run mode, there is no particular setup needed other that performed during the STM32L1x power on initialization. For this function, the application goes directly to IDD measurement and display routine. The configuration of device for Low power run, Sleep, Stop with and without RTC is detailed in Figure 5. Please, see RM0038 for more details about low power modes available on STM32L1x. MS19814V1 Run mode LP Sleep LP Run Sleep Mode IDD measurement & display END Configuration steps START Demo mode (IDD measurement) Standby Stop - RTC ON Stop - RTC OFF |