Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3371 Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce AN3371
Description  Using the hardware real-time clock
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3371 Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button AN3371 Datasheet HTML 37Page - STMicroelectronics AN3371 Datasheet HTML 38Page - STMicroelectronics AN3371 Datasheet HTML 39Page - STMicroelectronics AN3371 Datasheet HTML 40Page - STMicroelectronics AN3371 Datasheet HTML 41Page - STMicroelectronics AN3371 Datasheet HTML 42Page - STMicroelectronics AN3371 Datasheet HTML 43Page - STMicroelectronics AN3371 Datasheet HTML 44Page - STMicroelectronics AN3371 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
AN3371
Revision history
Doc ID 018624 Rev 5
43/45
5
Revision history
Table 18.
Document revision history
Date
Revision
Changes
20-May-2011
1
Initial release
24-Nov-2011
2
Updated Chapter 1: Overview of the STM32 advanced RTC
Updated Figure 1: RTC calendar fields on page 6
Updated Figure 2: Example of calendar display on an LCD on page 7
Updated Figure 5: Prescalers from RTC clock source to calendar unit
on page 9
Updated Figure 6: Alarm A fields on page 10
Added Section 1.2.2: Alarm sub-second configuration on page 12
Updated Figure 9: Prescalers connected to the wakeup unit for
configurations 2 and 3 on page 16
Updated Table 9: Timebase/wakeup unit period resolution with clock
configuration 2 on page 16
Updated Section 1.4.1: RTC coarse calibration on page 17
Added Section 1.4.2: RTC smooth calibration on page 18
Added Section 1.5: Synchronizing the RTC on page 19
Updated Figure 14: Time-stamp event procedure on page 21
Added Section 1.8: RTC tamper detection function on page 22
Added Section 1.11.1: RTC_CALIB output on page 26
Updated Figure 18: RTC_CALIB clock sources on page 27
Added Figure 19: Alarm flag routed to RTC_ALARM output on
page 28
Updated Section 1.12.3: RTC clock synchronization on page 30
Added Section 2: Advanced RTC features on page 31
Added STM32F4xx information to Section 3: RTC firmware driver
API on page 33
Updated Table 17: Example descriptions on page 41
17-Feb-2012
3
Added Ultra Low Power High-density information to the Introduction
Changed all ‘ULPM density devices’ to ‘ULPM and ULPH density
devices’.
Added a ULPH density column to Table 15: Advanced RTC features
and to Table 16: RTC function groups.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45